Part Number Hot Search : 
476M20 SNC202S 7C132 AN1071 CHP2299 FE0208 NLAS4157 2SK3026
Product Description
Full Text Search
 

To Download APTGT100DU170TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT100DU170TG
Dual common source Trench + Field Stop IGBT(R) Power Module
C1 Q1 G1 C2
VCES = 1700V IC = 100A @ Tc = 80C
Application * AC Switches * Switched Mode Power Supplies * Uninterruptible Power Supplies Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant Max ratings 1700 150 100 200 20 560 200A @ 1600V Unit V
July, 2006 1-5 APTGT100DU170TG - Rev 1
Q2 G2
E1
E2
NTC1
E
NTC2
G2 E2
C2
C1
E
C2
E1 G1
E2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
A V W
Reverse Bias Safe Operating Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGT100DU170TG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1700V Tj = 25C VGE = 15V IC = 100A Tj = 125C VGE = VCE , IC = 2mA VGE = 20V, VCE = 0V Min Typ 2.0 2.4 5.8 Max 250 2.4 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 900V IC = 100A R G = 4.7 Inductive Switching (125C) VGE = 15V VBus = 900V IC = 100A R G = 4.7 VGE = 15V Tj = 125C VBus = 900V IC = 100A Tj = 125C R G = 4.7
Min
Typ 9 0.36 0.3 370 40 650 180 400 50 800 300 32
Max
Unit nF
ns
ns
mJ 31
Chopper diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF trr Qrr Er
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1700
Typ
Max 250 500
Unit V A A
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=1700V
IF = 100A
100 1.8 1.9 385 490 25 42 11 21
2.2
V ns C mJ
July, 2006 2-5 APTGT100DU170TG - Rev 1
IF = 100A VR = 900V
di/dt =1000A/s
www.microsemi.com
APTGT100DU170TG
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.22 0.39 150 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To Heatsink
M5
3500 -40 -40 -40 2.5
SP4 Package outline (dimensions in mm)
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT100DU170TG - Rev 1
ALL DIMENSIO NS MARKED " * " ARE T OLERENCED AS :
July, 2006
APTGT100DU170TG
Typical Performance Curve
Output Characteristics (V GE=15V) Output Characteristics 200 TJ = 125C 160 IC (A) 120
VGE =13V VGE =20V
200 175 150
IC (A)
TJ=25C
125 100 75 50 25 0 0 0.5 1 1.5 2 2.5 VCE (V) 3 3.5 4
T J=125C
80 40 0 0 1 2
VGE=15V VGE=9V
3 VCE (V)
4
5
200 175 150
Transfert Characteristics 100
TJ=25C
Energy losses vs Collector Current
VCE = 900V VGE = 15V RG = 4.7 TJ = 125C Eon
80 E (mJ)
T J=125C
IC (A)
125 100 75 50 25 0 5 6 7 8 9 V GE (V) 10
TJ=125C
60 40 20 0
Eoff
Er
11
12
13
0
25
50
75 100 125 150 175 200 IC (A)
Switching Energy Losses vs Gate Resistance 100 87.5 75 E (mJ) 62.5 50 37.5 25 12.5 0 0 5 10 15 20 25 30 35 Gate Resistance (ohms) 40
Er
Eoff
Reverse Bias Safe Operating Area 250
VCE = 900V VGE =15V IC = 100A TJ = 125C
Eon
200 IC (A) 150 100 50 0 0 400 800 1200 1600 2000 VCE (V)
VGE=15V T J=125C RG=4.7
0.25 Thermal Impedance (C/W) 0.2 0.15 0.1 0.05 0 0.00001 0.9 0.7 0.5 0.3
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
IGBT
0.1 0.05 0.0001 0.001
Single Pulse 0.01 0.1 1 10
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGT100DU170TG - Rev 1
July, 2006
APTGT100DU170TG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 25 20
ZVS VCE =900V D=50% RG=4.7 T J=125C T C=75C
Forward Characteristic of diode 200 175 150 125 IF (A) 100 75 50
T J=125C T J=125C T J=25C
15 10 5 0 0
ZCS
hard switching
25 0 60 80 IC (A) 100 120 140 0 0.5 1 1.5 VF (V) 2 2.5 3
20
40
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.4 Thermal Impedance (C/W) 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0.1 0.05 0 0.00001 Single Pulse 0.0001 0.001 0.01 0.1 1 10 0.5 0.3 0.9 0.7
Diode
rectangular Pulse Duration (Seconds)
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT100DU170TG - Rev 1
Microsemi reserves the right to change, without notice, the specifications and information contained herein
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGT100DU170TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X